データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM6700 データシート(PDF) 14 Page - STMicroelectronics

部品番号 STM6700
部品情報  Immune to power supply transients
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6700 データシート(HTML) 14 Page - STMicroelectronics

Back Button STM6700 Datasheet HTML 10Page - STMicroelectronics STM6700 Datasheet HTML 11Page - STMicroelectronics STM6700 Datasheet HTML 12Page - STMicroelectronics STM6700 Datasheet HTML 13Page - STMicroelectronics STM6700 Datasheet HTML 14Page - STMicroelectronics STM6700 Datasheet HTML 15Page - STMicroelectronics STM6700 Datasheet HTML 16Page - STMicroelectronics STM6700 Datasheet HTML 17Page - STMicroelectronics STM6700 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Package mechanical data
STM6700, STM6710
14/20
DocID16887 Rev 3
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
SOT23 - 6-lead small outline transistor package information
Figure 9. SOT23 – 6-lead small outline transistor package outline
7049714_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20