データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STNRGPF01 データシート(PDF) 14 Page - STMicroelectronics

部品番号 STNRGPF01
部品情報  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 データシート(HTML) 14 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 10Page - STMicroelectronics STNRGPF01 Datasheet HTML 11Page - STMicroelectronics STNRGPF01 Datasheet HTML 12Page - STMicroelectronics STNRGPF01 Datasheet HTML 13Page - STMicroelectronics STNRGPF01 Datasheet HTML 14Page - STMicroelectronics STNRGPF01 Datasheet HTML 15Page - STMicroelectronics STNRGPF01 Datasheet HTML 16Page - STMicroelectronics STNRGPF01 Datasheet HTML 17Page - STMicroelectronics STNRGPF01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
STNRGPF01 block diagram
STNRGPF01
14/40
DocID030377 Rev 2
3.6
Status indicator
The STNRGPF01 device includes two pins to identify the running or fault status. These
functions are defined on pin 14 and pin 15 (see Figure 9).
Figure 9. Status indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40