| データシートサーチシステム |
|
STNRGPF01TR データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF01TR データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 40 page ![]() Package information STNRGPF01 36/40 DocID030377 Rev 2 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 TSSOP38 package information Figure 24. TSSOP38 package outline |