データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP4CMPQTR データシート(PDF) 20 Page - STMicroelectronics

部品番号 STP4CMPQTR
部品情報  Low voltage 4-channel constant current LED driver with charge pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMPQTR データシート(HTML) 20 Page - STMicroelectronics

Back Button STP4CMPQTR Datasheet HTML 16Page - STMicroelectronics STP4CMPQTR Datasheet HTML 17Page - STMicroelectronics STP4CMPQTR Datasheet HTML 18Page - STMicroelectronics STP4CMPQTR Datasheet HTML 19Page - STMicroelectronics STP4CMPQTR Datasheet HTML 20Page - STMicroelectronics STP4CMPQTR Datasheet HTML 21Page - STMicroelectronics STP4CMPQTR Datasheet HTML 22Page - STMicroelectronics STP4CMPQTR Datasheet HTML 23Page - STMicroelectronics STP4CMPQTR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package information
STP4CMP
20/24
DocID15770 Rev 3
Table 8: QFN20 (1.8x3.2 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.45
0.50
0.55
A1
0
0.02
0.05
A3
0.127
b
0.15
0.20
0.25
D
3.15
3.20
3.25
E
1.75
1.80
1.85
e
0.40
L
0.35
0.40
0.45
Figure 15: QFN20 (1.8x3.2 mm) recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24