データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP16C596AM データシート(PDF) 12 Page - STMicroelectronics

部品番号 STP16C596AM
部品情報  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16C596AM データシート(HTML) 12 Page - STMicroelectronics

Back Button STP16C596AM Datasheet HTML 8Page - STMicroelectronics STP16C596AM Datasheet HTML 9Page - STMicroelectronics STP16C596AM Datasheet HTML 10Page - STMicroelectronics STP16C596AM Datasheet HTML 11Page - STMicroelectronics STP16C596AM Datasheet HTML 12Page - STMicroelectronics STP16C596AM Datasheet HTML 13Page - STMicroelectronics STP16C596AM Datasheet HTML 14Page - STMicroelectronics STP16C596AM Datasheet HTML 15Page - STMicroelectronics STP16C596AM Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
STP16C596A
12/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.30
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
15.20
15.60
0.598
0.614
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
k0°
8°
0°
8°
ddd
0.100
0.004
SO-24 MECHANICAL DATA
0070769C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18