| データシートサーチシステム |
|
TCM829ECT データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM829ECT データシート(HTML) 8 Page - Microchip Technology |
|
8 / 9 page ![]() 8 TCM828/829-4 5/22/00 Switched Capacitor Voltage Converters TCM828 TCM829 © 2001 Microchip Technology Inc. DS21488A Dimensions: inches (mm) PACKAGE DIMENSIONS TAPING FORM User Direction of Feed User Direction of Feed Device Marking Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices PIN 1 PIN 1 Standard Reel Component Orientation TR Suffix Device (Mark Right Side Up) Reverse Reel Component Orientation RT Suffix Device (Mark Upside Down) W P Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 5-Pin SOT-23A 8 mm 4 mm 3000 7 in Carrier Tape, Number of Components Per Reel and Reel Size 5-Pin SOT-23A (EIAJ SC-74A) .071 (1.80) .059 (1.50) .122 (3.10) .098 (2.50) .075 (1.90) REF. .020 (0.50) .012 (0.30) PIN 1 .037 (0.95) REF. .122 (3.10) .106 (2.70) .057 (1.45) .035 (0.90) .006 (0.15) .000 (0.00) .024 (0.60) .004 (0.10) 10 ° MAX. .010 (0.25) .004 (0.09) |