| データシートサーチシステム |
|
TLE4275D データシート(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4275D データシート(HTML) 13 Page - Infineon Technologies AG |
|
13 / 16 page ![]() Data Sheet Version 1.3 13 2001-04-24 TLE 4275 A 8˚ max. B A 0.25 M 0.1 Typical 9.8 ±0.15 ±0.2 10 8.5 1) 0...0.15 5x0.8 ±0.1 ±0.1 1.27 4.4 B 0.5 ±0.1 0.05 1) 0.1 All metal surfaces tin plated, except area of cut. 2.4 4x1.7 P-TO263-5-1 (SMD) (Plastic Transistor Single Outline) Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book “Package Information”. Dimensions in mm SMD = Surface Mounted Device |