データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP240N10F7 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STP240N10F7
部品情報  Ultra low on-resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP240N10F7 データシート(HTML) 11 Page - STMicroelectronics

Back Button STP240N10F7 Datasheet HTML 5Page - STMicroelectronics STP240N10F7 Datasheet HTML 6Page - STMicroelectronics STP240N10F7 Datasheet HTML 7Page - STMicroelectronics STP240N10F7 Datasheet HTML 8Page - STMicroelectronics STP240N10F7 Datasheet HTML 9Page - STMicroelectronics STP240N10F7 Datasheet HTML 10Page - STMicroelectronics STP240N10F7 Datasheet HTML 11Page - STMicroelectronics STP240N10F7 Datasheet HTML 12Page - STMicroelectronics STP240N10F7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID023934 Rev 3
11/13
STP240N10F7
Package mechanical data
13
Table 8. TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13