| データシートサーチシステム |
|
TMS320DM814X データシート(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X データシート(HTML) 70 Page - Texas Instruments |
|
70 / 377 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-9. MDIO Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. MDIO GP1 MDCLK/ IPU H28 O PINCNTL233 Management Data Serial Clock output GP1[11] DVDD_GPMC DSIS: N/A GP1 MDIO/ IPU P24 I/O PINCNTL234 Management Data I/O GP1[12] DVDD_GPMC DSIS: 1 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 70 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |