データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETV2685FIDZUTA5 データシート(PDF) 97 Page - Texas Instruments

部品番号 TNETV2685FIDZUTA5
部品情報  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUTA5 データシート(HTML) 97 Page - Texas Instruments

Back Button TNETV2685FIDZUTA5 Datasheet HTML 93Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 94Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 95Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 96Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 97Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 98Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 99Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 100Page - Texas Instruments TNETV2685FIDZUTA5 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 191 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-26. DSP Interrupt Events (continued)
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
EVENT NUMBER
41
VP4_INT
VP4 Interrupt
42
GPIO_BNK1_INT
(GPIO16:31) GPIO Bank 1 Interrupt event
43
AXINT
TX Interrupt McASP
44
ARINT
RX Interrupt McASP
45-49
Reserved
50
VINT
VLYNQ Pulse Interrupt event
51
GPINT0
GPIO Interrupt event
52
GPINT1
GPIO Interrupt event
53
GPINT2
GPIO Interrupt event
54
GPINT3
GPIO Interrupt event
55
GPINT4
GPIO Interrupt event
56
GPINT5
GPIO Interrupt event
57
GPINT6
GPIO Interrupt event
58
GPINT7
GPIO Interrupt event
59
GPINT8
GPIO Interrupt event
60
GPINT9
GPIO Interrupt event
61
GPINT10
GPIO Interrupt event
62
GPINT11
GPIO Interrupt event
63
GPINT12
GPIO Interrupt
64
GPINT13
GPIO Interrupt
65
GPINT14
GPIO Interrupt event
66
GPINT15
GPIO Interrupt event
67
TINT0L
Timer interrupt low event
68
TINT0H
Timer interrupt high event
69
TINT1L
Timer interrupt low event
70
TINT1H
Timer interrupt high event
71
EDMA3CC_INT0
EDMA3CC Completion Interrupt - Mask0 event
72
EDMA3CC_INT1
EDMA3CC Completion Interrupt – Mask1 event
73
EDMA3CC_INT2
EDMA3CC Completion Interrupt – Mask2 event
74
EDMA3CC_INT3
EDMA3CC Completion Interrupt – Mask3 event
75
EDMA3CC_INT4
EDMA3CC Completion Interrupt – Mask4 event
76
EDMA3CC_INT5
EDMA3CC Completion Interrupt – Mask5 event
77
EDMA3CC_INT6
EDMA3CC Completion Interrupt – Mask6 event
78
EDMA3CC_INT7
EDMA3CC Completion Interrupt – Mask7 event
79
EDMA3CC_ERRINT
EDMA3CC Error Interrupt event
80
EDMA3CC_MPINT
EDMA3CC Memory Protection Interrupt event
81
EDMA3TC0_ERRINT
EDMA3TC0 Error Interrupt event
82
EDMA3TC1_ERRINT
EDMA3TC1 Error Interrupt event
83
EDMA3TC2_ERRINT
EDMA3TC2 Error Interrupt event
84
EDMA3TC3_ERRINT
EDMA3TC3 Error Interrupt event
85
Reserved
Reserved
86
Reserved
Reserved
87
Reserved
Reserved
88
Reserved
Reserved
89
Reserved
Reserved
90
Reserved
Reserved
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
97
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More