データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSPIN250 データシート(PDF) 17 Page - STMicroelectronics

部品番号 STSPIN250
部品情報  Low voltage brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN250 データシート(HTML) 17 Page - STMicroelectronics

Back Button STSPIN250 Datasheet HTML 13Page - STMicroelectronics STSPIN250 Datasheet HTML 14Page - STMicroelectronics STSPIN250 Datasheet HTML 15Page - STMicroelectronics STSPIN250 Datasheet HTML 16Page - STMicroelectronics STSPIN250 Datasheet HTML 17Page - STMicroelectronics STSPIN250 Datasheet HTML 18Page - STMicroelectronics STSPIN250 Datasheet HTML 19Page - STMicroelectronics STSPIN250 Datasheet HTML 20Page - STMicroelectronics STSPIN250 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DocID029872 Rev 2
17/26
STSPIN250
Device description
26
TOFF adjustment
The decay time is adjusted through an external resistor connected between the TOFF pin
and ground as shown in Figure 6. A small RC series must be inserted in parallel with the
regulator resistor in order to increase the stability of the regulation circuit according
indications listed in Table 10.
Figure 6. OFF time regulation circuit
The relation between the OFF time and the external resistor value is shown in the graph of
Figure 7. The value typically ranges from 10 µs to 150 µs.
Figure 7. OFF time vs ROFF value
Table 10. Recommended RRCOFF and CRCOFF values according to ROFF
ROFF
RRCOFF
CRCOFF
10 k
  ROFF < 82 k
1 k
22 nF
82 k
  ROFF  160 k
2.2 k
22 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26