| データシートサーチシステム |
|
TMS320VC5421 データシート(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5421 データシート(HTML) 45 Page - Texas Instruments |
|
45 / 104 page ![]() Functional Overview 45 December 1999 − Revised October 2008 SPRS098D DMA_ARB CPU_ARB EMIF Controller GRANT DMA_REQ_B DMA_GRANT_B XDMA (DSP Subsystem B) XIO Grant XIO Req Core SEL=1 VCC GPIO Control Register (DSP Subsystem B) 54x cLEAD CPU (DSP Subsystem B) (DSP Subsystem B) Req Grant XIO XIO SEL=0 Core 54x cLEAD CPU DMA_REQUEST GRANT_A GPIO Control Register (DSP Subsystem A) Subsystem A) (DSP XDMA DMA_REQ_A DMA_GRANT_A DMA_REQUEST GRANT_B SEL XIO XHOLD XHOLDA XDMA XCPU XDMA XCPU Figure 3−15. Arbitration Between XIO and xDMA for External Access The HM bit in the ST1 indicates whether the processor continues internal execution when acknowledging an active HOLD signal. • HM = 0, the processor continues execution from internal program memory but places its external interface in the high-impedance state. • When HM = 1, the processor halts internal execution. To ensure that proper arbitration occurs, the HM bit should be set to 0 in the memory-mapped ST1 registers for both CPUs. To allow the DMA access to extended data pages, the SLAXS and DLAXS bits are added to the DMMCRn registers. For a description of the remaining bits, see TMS320C54x DSP Reference Set, Volume 5: Enhanced Peripherals (literature number SPRU302). 15 14 13 12 11 10 9876 5 4 3 210 AUTO INIT DINM IMOD CT MOD SLAXS SIND DMS DLAXS DIND DMD Figure 3−16. DMA Transfer Mode Control Register (DMMCRn) |