データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320VC5441APGF データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320VC5441APGF
部品情報  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF データシート(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 17Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 18Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 19Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 20Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 21Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 22Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 23Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 24Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Introduction
21
December 1999 − Revised October 2008
SPRS122F
Table 2−3. Signal Descriptions (Continued)
NAME
DESCRIPTION
TYPE†
INITIALIZATION, INTERRUPT, AND RESET OPERATIONS
A_INT¶#
B_INT¶#
C_INT¶#
D_INT¶#
I
External user interrupts. A_INT−D_INT are prioritized and are maskable by the interrupt mask register (IMR) and the
interrupt mode bit. The status of these pins can be polled and reset by way of the interrupt flag register (IFR).
A_NMI¶#
B_NMI¶#
C_NMI¶#
D_NMI¶#
I
Nonmaskable interrupts. x_NMI is an external interrupt that cannot be masked by way of the INTM bit or the IMR. When
x_NMI is activated, the processor traps to the appropriate vector location.
A_RS#
B_RS#
C_RS#
D_RS#
I
Reset. x_RS causes the digital signal processor (DSP) to terminate execution and causes a reinitialization of the CPU
and peripherals. When x_RS is brought to a high level, execution begins at location 0FF80h of program memory. x_RS
affects various registers and status bits.
RESET#
I
Global/HPI reset. This signal resets the four subsystems and the HPI.
SUPPLY PINS
VCCA
Dedicated power supply that powers the PLL. VDD = 1.6 V
CVDD
Dedicated power supply that powers the core CPUs. CVDD = 1.6 V
DVDD
S
Dedicated power supply that powers the I/O pins. DVDD = 3.3 V
VSS
S
Digital ground. Dedicated ground plane for the device.
VSSA
Analog ground. Dedicated ground for the PLL. VSSA can be connected to VSS if digital and analog grounds are not
separated.
EMULATION/TEST PINS
TESTB||
TESTC||
TESTD||
No connection
TCK¶#
I
Standard test clock. This is normally a free-running clock signal with a 50% duty cycle. Changes on the test access
port (TAP) input signals TMS and TDI are clocked into the TAP controller, instruction register, or selected test-data
register on the rising edge of TCK. Changes at the TAP output signal (TDO) occur on the falling edge of TCK.
TDI¶
I
Test data input. Pin with an internal pullup device. TDI is clocked into the selected register (instruction or data) on a
rising edge of TCK.
TDO
O/Z§
Test data pin. The contents of the selected register is shifted out of TDO on the falling edge of TCK. TDO is in
high-impedance state except when the scanning of data is in progress.
TMS¶
I
Test mode select. Pin with internal pullup device. This serial control input is clocked into the TAP controller on the rising
edge of TCK.
TRST
kh
I
IEEE standard 1149.1 test reset. TRST, when high, gives the IEEE standard 1149.1 scan system control of the
operations of the device. If TRST is driven low, the device operates in its functional mode, and the IEEE
standard 1149.1 signals are ignored. Pin with internal pulldown device.
EMU0
I/O/Z
Emulator interrupt 0 pin. When TRST is driven low, EMU0 must be high for the activation of the EMU1/OFF condition.
When TRST is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined as I/O.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal bus holder controlled by way of the BSCR register in TMS320C54x cLEAD core of DSP subsystem A.
§ This pin is placed in high-impedance when the EMU1/OFF pin operates as OFF and when EMU1/OFF = 0, this case is exclusively for testing
and emulation purposes.
¶ This pin has an internal pullup resistor.
# These pins are Schmitt triggered inputs.
|| This pin is used by Texas Instruments for device testing and should be left unconnected.
kThis pin has an internal pulldown resistor.
hAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.
NOTE: Pins highlighted in grey indicate the multiplexed function of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com