| データシートサーチシステム |
|
STTH60AC06C データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH60AC06C データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() Characteristics STTH60AC06C 2/13 DocID024886 Rev3 1 Characteristics To evaluate the conduction losses use the following equation: P = 1.1 x IF(AV) + 0.01 IF 2 (RMS) Table 2. Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 600 V IF(RMS) Forward rms current 50 A IF(AV) Average forward current Per diode 30 A Per device 60 IFSM Surge non repetitive forward current tp = 10 ms sinusoidal 280 A Tstg Storage temperature range -65 to +175 °C Tj Maximum operating junction temperature 175 °C Table 3. Thermal parameters Symbol Parameter Value Unit Rth(j-c) Junction to case (TO3P-3L, TO-247, TO-247 LL) Per diode 0.9 °C/W Total 0.55 Rth(c) Coupling (TO3P-3L, TO-247, TO-247 LL) 0.2 Rth(j-c) Junction to case (TO-3PF) Per diode 2.8 Total 2.2 Rth(c) Coupling (TO-3PF) 1.6 Table 4. Static electrical characteristics (per diode) Symbol Parameter Test conditions Min. Typ. Max. Unit IR (1) Reverse leakage current Tj = 25 °C VR = VRRM 10 µA Tj = 150 °C 40 400 VF (2) Forward voltage drop Tj = 25 °C IF = 30 A 1.75 V Tj = 150 °C 1.07 1.40 Tj = 25 °C IF = 60 A 2 Tj = 150 °C 1.32 1.7 1. Pulse test: tp = 5 ms, < 2% 2. Pulse test: tp = 380 µs, < 2% |