データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A5975D データシート(PDF) 43 Page - STMicroelectronics

部品番号 A5975D
部品情報  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D データシート(HTML) 43 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 39Page - STMicroelectronics A5975D Datasheet HTML 40Page - STMicroelectronics A5975D Datasheet HTML 41Page - STMicroelectronics A5975D Datasheet HTML 42Page - STMicroelectronics A5975D Datasheet HTML 43Page - STMicroelectronics A5975D Datasheet HTML 44Page - STMicroelectronics A5975D Datasheet HTML 45Page - STMicroelectronics A5975D Datasheet HTML 46Page - STMicroelectronics A5975D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
A5975D
Application information
Doc ID 018760 Rev 1
43/50
8.12
External soft-start network
At startup, the device can quickly increase the current up to the current limit in order to
charge the output capacitor. If soft ramp-up of the output voltage is required, an external
soft-start network can be implemented, as shown in Figure 32. The capacitor C is charged
up to an external reference through R and the BJT clamps the COMP pin.
This clamps the duty cycle, limiting the slew rate of the output voltage.
Figure 32.
Soft-start network example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50