データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IPS161HTR データシート(PDF) 18 Page - STMicroelectronics

部品番号 IPS161HTR
部品情報  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HTR データシート(HTML) 18 Page - STMicroelectronics

Back Button IPS161HTR Datasheet HTML 14Page - STMicroelectronics IPS161HTR Datasheet HTML 15Page - STMicroelectronics IPS161HTR Datasheet HTML 16Page - STMicroelectronics IPS161HTR Datasheet HTML 17Page - STMicroelectronics IPS161HTR Datasheet HTML 18Page - STMicroelectronics IPS161HTR Datasheet HTML 19Page - STMicroelectronics IPS161HTR Datasheet HTML 20Page - STMicroelectronics IPS161HTR Datasheet HTML 21Page - STMicroelectronics IPS161HTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Active clamp
IPS161H
18/25
DocID029436 Rev 2
7
Active clamp
Active clamp is also known as fast demagnetization of inductive loads or fast current
decay. When a high-side driver turns off an inductance, an undervoltage is detected on
output.
The OUT pin is pulled down to Vdemag. The conduction state is modulated by an internal
circuitry in order to keep the OUT pin voltage at about Vdemag until the load energy has been
dissipated. The energy is dissipated both in IC internal switch and in load resistance.
Figure 9: Active clamp equivalent principle schematic
Figure 10: Fast demag waveforms
I
LOAD
tDEMAG
I
OUT
V
IN
t
tON
V
OUT
V
CC
V
CC-VDEMAG
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25