データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCANPSC110F データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 SCANPSC110F
部品情報  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110F データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button SCANPSC110F Datasheet HTML 7Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 8Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 9Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 10Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 11Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 12Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 13Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 14Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Level 1 Protocol (Continued)
Level 2 Protocol
Once the SCANPSC110F Bridge has been successfully ad-
dressed and selected, its internal registers may be accessed
via Level-2 Protocol. Level-2 Protocol is compliant to IEEE
Std. 1149.1 TAP protocol with one exception: if the
’PSC110F is selected via the Broadcast or Multi-Cast ad-
dress, TDO
B will always be TRI-STATED. (The TDOB buffer
must be implemented this way to prevent bus contention.)
Upon being selected, (i.e., the ’PSC110F Selection controller
transitions from the
Wait-For-Address state to one of the Se-
lected states), each of the local scan ports (LSP
1, LSP2,
LSP
3) remains parked in one of the following four TAP Con-
troller states:
Test-Logic-Reset, Run-Test/Idle, Pause-DR,or
Pause-IR and the active scan chain will consist of: TDI
B
through the instruction register (or the IDCODE register) and
out through TDO
B.
TDI
B→Instruction Register→TDOB
The
UNPARK instruction (described later) is used to insert
one or more local scan ports into the active scan chain.
Table 4 describes which local ports are inserted into the
chain, and in what order.
LEVEL 2 INSTRUCTION TYPES
There are two types of instructions (reference
Table 5):
DS100327-8
FIGURE 7. Broadcast Addressing: Address Loaded into Instruction Register
DS100327-9
FIGURE 8. Multi-Cast Addressing: Address Loaded into Instruction Register
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29