データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6739 データシート(PDF) 27 Page - STMicroelectronics

部品番号 L6739
部品情報  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 データシート(HTML) 27 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 22Page - STMicroelectronics L6739 Datasheet HTML 23Page - STMicroelectronics L6739 Datasheet HTML 24Page - STMicroelectronics L6739 Datasheet HTML 25Page - STMicroelectronics L6739 Datasheet HTML 26Page - STMicroelectronics L6739 Datasheet HTML 27Page - STMicroelectronics L6739 Datasheet HTML 28Page - STMicroelectronics L6739 Datasheet HTML 29Page - STMicroelectronics L6739 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
DocID026384 Rev 1
27/30
L6739
Package information
30
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 14. VFQFPN 16 - 3 x 3 mm package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30