データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6985F データシート(PDF) 55 Page - STMicroelectronics

部品番号 L6985F
部品情報  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F データシート(HTML) 55 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 51Page - STMicroelectronics L6985F Datasheet HTML 52Page - STMicroelectronics L6985F Datasheet HTML 53Page - STMicroelectronics L6985F Datasheet HTML 54Page - STMicroelectronics L6985F Datasheet HTML 55Page - STMicroelectronics L6985F Datasheet HTML 56Page - STMicroelectronics L6985F Datasheet HTML 57Page - STMicroelectronics L6985F Datasheet HTML 58Page - STMicroelectronics L6985F Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
DocID027836 Rev 2
55/65
L6985F
Application board
65
R7
240 k
 - 1% - 0603
R8
110 k
 - 1% - 0603
R9
82 k
 - 1% - 0603
R11
10
 - 1% - 0603
R1, R3, R5, R10
Not mounted
L1
XAL4030-472MEC
4.7
H
Coilcraft
L2
XAL4030-472MEC
4.7
H
Coilcraft
L3
MPZ2012S221A
EMC bead
TDK
J1
Open
J2
Open
J3
Closed
Switchover
J4
Open
J5
To adjust the ISKIP current level in LCM
operation. Leave open in LNM.
U1
L6985F
STMicroelectronics
Table 14. Bill of material (continued)
Reference
Part number
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65