データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEF033 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STEF033
部品情報  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 データシート(HTML) 12 Page - STMicroelectronics

Back Button STEF033 Datasheet HTML 8Page - STMicroelectronics STEF033 Datasheet HTML 9Page - STMicroelectronics STEF033 Datasheet HTML 10Page - STMicroelectronics STEF033 Datasheet HTML 11Page - STMicroelectronics STEF033 Datasheet HTML 12Page - STMicroelectronics STEF033 Datasheet HTML 13Page - STMicroelectronics STEF033 Datasheet HTML 14Page - STMicroelectronics STEF033 Datasheet HTML 15Page - STMicroelectronics STEF033 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Typical application
STEF033
12/25
DocID025099 Rev 2
directly connected to the Enable/Fault pins of other STEFxx devices on the same
application, in order to achieve a simultaneous enable/disable feature.
When a thermal fault occurs, the device can be reset either by cycling the supply voltage or
by pulling down the Enable pin below the Vil threshold and then releasing it.
Figure 6. Enable/Fault pin status
AM17209v1
time
0
1
2
3
4
5
Normal operating condition
Thermal fault condition
Off/Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25