データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0382 データシート(PDF) 23 Page - STMicroelectronics

部品番号 UM0382
部品情報  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0382 データシート(HTML) 23 Page - STMicroelectronics

Back Button UM0382 Datasheet HTML 19Page - STMicroelectronics UM0382 Datasheet HTML 20Page - STMicroelectronics UM0382 Datasheet HTML 21Page - STMicroelectronics UM0382 Datasheet HTML 22Page - STMicroelectronics UM0382 Datasheet HTML 23Page - STMicroelectronics UM0382 Datasheet HTML 24Page - STMicroelectronics UM0382 Datasheet HTML 25Page - STMicroelectronics UM0382 Datasheet HTML 26Page - STMicroelectronics UM0382 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
UM0382
MEMS pointer
23/32
6
MEMS pointer
This section describes the usage of a simple pointer application which employes the
acceleration data provided by the LIS3LV02DQ MEMS 3-axis linear accelerometer to control
the position of a pointer on the screen of the PC. More in details, the SW provided with the
kit itself allows to employ the board provided with the EK3LV02DQ Evaluation Kit as an inertial
mouse where the tilt of the board is transformed into a movement of the pointer. The board
emulates also the left and right buttons of the mouse.
6.1
GUI description
The GUI window (see Figure 23) may be split up into two sections: the right side contains
the main controls to open the connection to the Evaluation Kit and to start/stop the data
acquisition whereas the left side is dedicated to the pointer application controls.
Figure 23.
MEMS Pointer Demo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32