| データシートサーチシステム |
|
UM1018 データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1018 データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 42 page ![]() Connectors UM01018 20/42 Doc ID 18141 Rev 2 25 PD3 USART2_CTS JP9 open 27 PD5 USART2_TX / LED4 JP19 open 29 PD7 CS_uSD Remove SD card from CN4 31 VLCD - - 33 PB3 JTDO / COMP_POT- JP17 open 35 PB5 TEMP_SMBAI / COMP_POT+ JP17 and JP11 open 37 PB7 I2C_TEMP_SDA Remove R62 39 GND - - 41 PE2 LCD glass_SEG38 / TRACE_CLK Remove LCD glass U20 43 PE4 TRACE_D1 - 45 PB8 LCD glass_SEG16 Remove LCD glass U20 47 PE6 TRACE_D3 / SD Card detection JP2 open 49 D5V - - 2 PC6 TS_KEY1 Remove R14 4 PC8 TS_SHIELD - 6 PA8 LCD glass_COM0 Remove LCD glass U20 8 PA10 LCD glass_COM2 Remove LCD glass U20 10 GND - - 12 PA11 USB DM Remove R16 14 PA13 JTMS - 16 PA14 JTCK - 18 PC11 LCD glass_SEG41 / USART3_RX JP8 open 20 PA15 JTDI - 22 PD0 LED1 Remove R111 24 PD2 LCD glass_SEG43 Remove LCD glass U20 26 PD4 USART2_RTS/ LED3 JP18 open 28 PD6 USART2_RX Remove R19 30 GND - - 32 PH2 CS_LCD - 34 PB4 JTRST / LDR JP10 open 36 PB6 I2C_TEMP_SCL Remove R69 38 PE0 LCD glass_SEG36 Remove LCD glass U20 40 PE1 LCD glass_SEG37 Remove LCD glass U20 42 PE3 LCD glass_SEG39 / TRACE_D0 Remove LCD glass U20 Table 15. Daughterboard extension connector CN6 (continued) Pin Description Alternative function How to disconnect with function block on STM32L152-EVAL board |