データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1467 データシート(PDF) 23 Page - STMicroelectronics

部品番号 UM1467
部品情報  Getting started with software and firmware environments for the STM32F4DISCOVERY Kit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1467 データシート(HTML) 23 Page - STMicroelectronics

Back Button UM1467 Datasheet HTML 19Page - STMicroelectronics UM1467 Datasheet HTML 20Page - STMicroelectronics UM1467 Datasheet HTML 21Page - STMicroelectronics UM1467 Datasheet HTML 22Page - STMicroelectronics UM1467 Datasheet HTML 23Page - STMicroelectronics UM1467 Datasheet HTML 24Page - STMicroelectronics UM1467 Datasheet HTML 25Page - STMicroelectronics UM1467 Datasheet HTML 26Page - STMicroelectronics UM1467 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Using MDK-ARM Microcontroller Development Kit by Keil™
UM1467
23/46
Doc ID 022172 Rev 1
7.3
Creating your first application using the MDK-ARM toolchain
7.3.1
Managing source files
Follow these steps to manage source files.
1.
In the Project menu, select New µVision Project... to display the Create Project File
dialog box. Name the new project and click Save.
Figure 26.
Creating a new project
2.
When a new project is saved, the IDE displays the Device selection dialog box. Select
the device used for testing. In this example, we will use the STMicroelectronics device
mounted on the STM32F4DISCOVERY board. In this case, double-click on
STMicroelectronics, select the STM32F407VGT6 device and click OK to save your
settings.
Figure 27.
Device selection dialog box
3.
Click Yes to copy the STM32 Startup Code to the project folder and add the file to the
project as shown in Figure 28.
Figure 28.
Copy the STM32 Startup Code dialog box
Note:
The default STM32 startup file includes the SystemInit function. You can either comment out
this file to not use it or add the system_stm32f4xx.c file from the STM32f4xx firmware
library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46