データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1537 データシート(PDF) 21 Page - STMicroelectronics

部品番号 UM1537
部品情報  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 データシート(HTML) 21 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 17Page - STMicroelectronics UM1537 Datasheet HTML 18Page - STMicroelectronics UM1537 Datasheet HTML 19Page - STMicroelectronics UM1537 Datasheet HTML 20Page - STMicroelectronics UM1537 Datasheet HTML 21Page - STMicroelectronics UM1537 Datasheet HTML 22Page - STMicroelectronics UM1537 Datasheet HTML 23Page - STMicroelectronics UM1537 Datasheet HTML 24Page - STMicroelectronics UM1537 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
UM1537
Hardware layout and configuration
Doc ID 023059 Rev 1
21/52
Note:
The solder bridges SB1 and SB2 cannot be closed at the same time.
Table 13.
Motor control related jumpers
Jumper
Description
JP2
The special motor current sampling operation is enabled when JP2 is fitted (PB0
connected to PA12). The IO pins PB0 and PA12 are disconnected and can be used
by the daughterboard when JP2 is not fitted.
Default setting: not fitted
JP1
JP1 should be kept open when the encoder signal is from pin31 of the motor control
connector CN1, while it should be kept closed when the analog signal is from pin31
of CN1 for special motors.
Default setting: not fitted
SB1
Pin17 of the motor connector CN1 is connected to PA3 as MC_currentB2 when SB1
is closed.
Default setting: open
SB2
Pin1 of the motor connector CN1 is connected to PA3 as MC_EmergencySTOP2
when SB2 is closed.
Default setting: open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52