データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1817 データシート(PDF) 9 Page - STMicroelectronics

部品番号 UM1817
部品情報  Evaluation board with STM32F091VC MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1817 データシート(HTML) 9 Page - STMicroelectronics

Back Button UM1817 Datasheet HTML 5Page - STMicroelectronics UM1817 Datasheet HTML 6Page - STMicroelectronics UM1817 Datasheet HTML 7Page - STMicroelectronics UM1817 Datasheet HTML 8Page - STMicroelectronics UM1817 Datasheet HTML 9Page - STMicroelectronics UM1817 Datasheet HTML 10Page - STMicroelectronics UM1817 Datasheet HTML 11Page - STMicroelectronics UM1817 Datasheet HTML 12Page - STMicroelectronics UM1817 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DocID026902 Rev 3
9/58
UM1817
Hardware layout and configuration
57
Figure 3. STM32091C-EVAL board layout
CN2
RF EEPROM
daughterboard
connector
CN3
HDMI
Sink
CN12
ST-LINK/V2-1
USB
CN11
SWD connector
CN13
Audio jack
LD7
ST-LINK/V2-1
COM LED
B2
Tamper
Button
B1
Reset Button
4 color
LEDs
RV3
Potentiometer
RV2
VDD_Adjustment
CN16
Power Jack
U14
IrDA
U4
STM32F091VCT6
CN6, CN7
Extension
header
CN10
SWD connector
CN1
8x USARTs
connector
CN4
HDMI
Source
D8
IR receiver
LD6
IR LED
CN8
icroSD card
B3
Joystick
CN9
RS232/RS485
TS1, TS2
Touch Buttons
Low voltage
alarm LEDs
CN5
CAN
R1
LDR
LD10
USB Over
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58