| データシートサーチシステム |
|
VIPER0P データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER0P データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 36 page ![]() Electrical and thermal ratings VIPer0P 8/36 DocID028423 Rev 2 Table 4: Avalanche characteristics Symbol Parameter Conditions Min. Typ. Max. Unit IAR Avalanche current Repetitive and non-repetitive. Pulse-width limited by TJmax 0.8 A EAS Single pulse avalanche energy (1) IAS = IAR; VDS = 100 V; Starting TJ = 25 °C 0.5 mJ Notes: (1)Parameter derived by characterization. 2.1 Electrical characteristics Tj = -40 to 125 °C, VCC = 9 V (unless otherwise specified). Table 5: Power section Symbol Parameter Test conditions Min. Typ. Max. Unit VBVDSS Breakdown voltage IDRAIN = 1 mA, VCOMP = SGND, TJ = 25 °C 800 V IDSS Drain-Source leakage current VDS = 400 V, VCOMP = SGND, TJ = 25 °C 1 µA RDS(on) Static drain-source ON-resistance IDRAIN = 200 mA, TJ = 25 °C 20 Ω IDRAIN = 200 mA, TJ = 125 °C 40 COSS EQ Equivalent output capacitance VGS = 0; VDS = 0 to 640 V, TJ = 25 °C 10 pF Table 6: Supply section Symbol Parameter Test conditions Min. Typ. Max. Unit High voltage startup current source VBVDSS_SU Breakdown voltage of startup MOSFET 800 V VHV_START Drain-Source start up voltage 40 80 V RG Startup resistor VFB > VFB_REF, VDRAIN = 400 V, VDRAIN = 600 V 28 34 40 MΩ ICH1 VCC charging current at startup VFB > VFB_REF, VDRAIN = 100 V, VCC = 0 V, TJ = 25 °C 0.7 1 1.3 mA ICH2 VCC charging current at startup VFB > VFB_REF, VDRAIN = 100 V, VCC = 1 V, TJ = 25 °C 2.3 3.2 4.1 ICH3 (1) Max. VCC charging current in self-supply VFB > VFB_REF, VDRAIN = 100 V, VCC = 6 V, TJ = 25 °C 6.4 7.8 9.2 |