| データシートサーチシステム |
|
SCANPSC110FDMQB データシート(PDF) 24 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SCANPSC110FDMQB データシート(HTML) 24 Page - National Semiconductor (TI) |
|
24 / 29 page ![]() Appendix Applications Example The following sequence gives an example of how one might use the SCANPSC110F Bridge to perform 1149.1 operations via a multi-drop scan backplane. The system involved has 10 card slots, 8 of which are filled with modules, and 2 slots are empty. (See Figure 18 ). DS100327-17 Note: The value of the TMS during the rising edge of TCK is located next to each transition. FIGURE 17. IEEE 1149.1 TAP Controller State Diagram DS100327-20 FIGURE 18. Boundary Scan Backplane with 10 Card Slots, 8 Slots Are Filled with Boards www.national.com 24 |