| データシートサーチシステム |
|
L6706 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6706 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 47 page ![]() Voltage identifications L6706 14/47 Doc ID 15698 Rev 2 1 A 1.45000 5 A 1.05000 9 A 0.65000 D A 0.25000 1 B 1.44375 5 B 1.04375 9 B 0.64375 D B 0.24375 1 C 1.43750 5 C 1.03750 9 C 0.63750 D C 0.23750 1 D 1.43125 5 D 1.03125 9 D 0.63125 D D 0.23125 1 E 1.42500 5 E 1.02500 9 E 0.62500 D E 0.22500 1 F 1.41875 5 F 1.01875 9 F 0.61875 D F 0.21875 2 0 1.41250 6 0 1.01250 A 0 0.61250 E 0 0.21250 2 1 1.40625 6 1 1.00625 A 1 0.60625 E 1 0.20625 2 2 1.40000 6 2 1.00000 A 2 0.60000 E 2 0.20000 2 3 1.39375 6 3 0.99375 A 3 0.59375 E 3 0.19375 2 4 1.38750 6 4 0.98750 A 4 0.58750 E 4 0.18750 2 5 1.38125 6 5 0.98125 A 5 0.58125 E 5 0.18125 2 6 1.37500 6 6 0.97500 A 6 0.57500 E 6 0.17500 2 7 1.36875 6 7 0.96875 A 7 0.56875 E 7 0.16875 2 8 1.36250 6 8 0.96250 A 8 0.56250 E 8 0.16250 2 9 1.35625 6 9 0.95625 A 9 0.55625 E 9 0.15625 2 A 1.35000 6 A 0.95000 A A 0.55000 E A 0.15000 2 B 1.34375 6 B 0.94375 A B 0.54375 E B 0.14375 2 C 1.33750 6 C 0.93750 A C 0.53750 E C 0.13750 2 D 1.33125 6 D 0.93125 A D 0.53125 E D 0.13125 2 E 1.32500 6 E 0.92500 A E 0.52500 E E 0.12500 2 F 1.31875 6 F 0.91875 A F 0.51875 E F 0.11875 3 0 1.31250 7 0 0.91250 B 0 0.51250 F 0 0.11250 3 1 1.30625 7 1 0.90625 B 1 0.50625 F 1 0.10625 3 2 1.30000 7 2 0.90000 B 2 0.50000 F 2 0.10000 3 3 1.29375 7 3 0.89375 B 3 0.49375 F 3 0.09375 3 4 1.28750 7 4 0.88750 B 4 0.48750 F 4 0.08750 3 5 1.28125 7 5 0.88125 B 5 0.48125 F 5 0.08125 3 6 1.27500 7 6 0.87500 B 6 0.47500 F 6 0.07500 3 7 1.26875 7 7 0.86875 B 7 0.46875 F 7 0.06875 3 8 1.26250 7 8 0.86250 B 8 0.46250 F 8 0.06250 3 9 1.25625 7 9 0.85625 B 9 0.45625 F 9 0.05625 3 A 1.25000 7 A 0.85000 B A 0.45000 F A 0.05000 3 B 1.24375 7 B 0.84375 B B 0.44375 F B 0.04375 Table 7. Voltage Identification (VID) Intel VR11.x(1) (continued) HEX code Output voltage (1) HEX code Output voltage (1) HEX code Output voltage (1) HEX code Output voltage (1) |