データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6758A データシート(PDF) 33 Page - STMicroelectronics

部品番号 L6758A
部品情報  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A データシート(HTML) 33 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 29Page - STMicroelectronics L6758A Datasheet HTML 30Page - STMicroelectronics L6758A Datasheet HTML 31Page - STMicroelectronics L6758A Datasheet HTML 32Page - STMicroelectronics L6758A Datasheet HTML 33Page - STMicroelectronics L6758A Datasheet HTML 34Page - STMicroelectronics L6758A Datasheet HTML 35Page - STMicroelectronics L6758A Datasheet HTML 36Page - STMicroelectronics L6758A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
DocID023298 Rev 2
33/42
L6758A
Efficiency optimization
42
Delay in the intervention of DPM can be adjusted by properly sizing the filter across the
IMON pin. Increasing the capacitance results in increased delay in the DPM intervention.
9.2
Variable frequency diode emulation (VFDE)
As the current required by the load is reduced, the L6758A progressively reduces the
number of switching phases according to DPM settings on the multi-phase section. If single-
phase operation is configured, when the delivered current approaches the CCM/DCM
boundary, the controller enters VFDE operation. The single-phase section, being a single-
phase, enters VFDE operation always when the delivered current approaches the
CCM/DCM boundary.
In a common single-phase DC-DC converter, the boundary between CCM and DCM is
when the delivered current is perfectly equal to 1/2 of the peak-to-peak ripple in the inductor
(Iout = Ipp/2). Further decreasing the load in this condition maintaining CCM operation
would cause the current in the inductor to reverse, therefore sinking current from the output
for a part of the OFF-time. This results in a poorly efficient system.
The L6758A is able (via CSPx/CSNx pins) to detect the sign of the current across the
inductor (zero cross detection, ZCD) so it is able to recognize when the delivered current
approaches the CCM/DCM boundary. In VFDE operation, the controller fires the high-side
MOSFET for a TON and the low side MOSFET for a TOFF (the same as when the controller
works in CCM mode) and waits the necessary time until next firing in high-impedance (HiZ).
The consequence of this behavior is a linear reduction of the “apparent” switching frequency
that, in turn, results in an improvement of the efficiency of the converter when in very light
load conditions.
To prevent entering the audible range, “apparent” switching frequency is reduced until
30 kHz.
Figure 9. Output current vs. switching frequency in PSK mode
t
Iout = Ipp/2
t
Iout < Ipp/2
Tsw
Tsw
Tvfde
AM11142v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42