データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6788A データシート(PDF) 13 Page - STMicroelectronics

部品番号 L6788A
部品情報  High current internal drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A データシート(HTML) 13 Page - STMicroelectronics

Back Button L6788A Datasheet HTML 9Page - STMicroelectronics L6788A Datasheet HTML 10Page - STMicroelectronics L6788A Datasheet HTML 11Page - STMicroelectronics L6788A Datasheet HTML 12Page - STMicroelectronics L6788A Datasheet HTML 13Page - STMicroelectronics L6788A Datasheet HTML 14Page - STMicroelectronics L6788A Datasheet HTML 15Page - STMicroelectronics L6788A Datasheet HTML 16Page - STMicroelectronics L6788A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
L6788A
Electrical specifications
Doc ID 15341 Rev 2
13/18
Table 6.
GPU table for SVID mode
STEP
VID5
VID4
VID3
VID2
VID1
VID0
VREF
10
000
00
1.3500
20
000
01
1.3375
30
000
10
1.3250
40
000
11
1.3125
50
001
00
1.3000
60
001
01
1.2875
70
001
10
1.2750
80
001
11
1.2650
90
010
00
1.2500
10
0
010
01
1.2375
11
0
010
10
1.2250
12
0
010
11
1.2125
13
0
011
00
1.2000
14
0
011
01
1.1875
15
0
011
10
1.1750
16
0
011
11
1.1650
17
0
100
00
1.1500
18
0
100
01
1.1375
19
0
100
10
1.1250
20
0
100
11
1.1125
21
0
101
00
1.1000
22
0
101
01
1.0875
23
0
101
10
1.0750
24
0
101
11
1.0650
25
0
110
00
1.0500
26
0
110
01
1.0375
27
0
110
10
1.0250
28
0
110
11
1.0125
29
0
111
00
1.0000
30
0
111
01
0.9875
31
0
111
10
0.9750
32
0
111
11
0.9650
33
1
000
00
0.9500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18