データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LNBH25 データシート(PDF) 31 Page - STMicroelectronics

部品番号 LNBH25
部品情報  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 データシート(HTML) 31 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 26Page - STMicroelectronics LNBH25 Datasheet HTML 27Page - STMicroelectronics LNBH25 Datasheet HTML 28Page - STMicroelectronics LNBH25 Datasheet HTML 29Page - STMicroelectronics LNBH25 Datasheet HTML 30Page - STMicroelectronics LNBH25 Datasheet HTML 31Page - STMicroelectronics LNBH25 Datasheet HTML 32Page - STMicroelectronics LNBH25 Datasheet HTML 33Page - STMicroelectronics LNBH25 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LNBH25
Package mechanical data
Doc ID 022433 Rev 4
31/34
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (4x4) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34