| データシートサーチシステム |
|
LNBH26LPQR データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBH26LPQR データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 28 page ![]() LNBH26L I²C interface protocol Doc ID 022876 Rev 1 19/28 7.4 Status registers The STATUS 1, 2 registers can be addressed only in read mode and provide the diagnostic functions described in the following tables. N/A = Reserved bit. All bits reset to “0” at power-on. N/A = Reserved bit. All bits reset to “0” at power-on. Table 10. STATUS 1 (read register. Register address = 0X0) Bit Name CH Value Description Bit 0 (LSb) OLF-A A 1 VOUT pin overload protection has been triggered (IOUT > IMAX). Refer to Table 8 for the overload operation and PCL settings. 0 No overload protection has been triggered to the VOUT pin (IOUT < IMAX). Bit 1 OLF-B B 1 VOUT pin overload protection has been triggered (IOUT > IMAX). Refer to Table 8 for the overload operation and PCL settings. 0 No overload protection has been triggered to VOUT pin (IOUT < IMAX). Bit 2 N/A - - Reserved Bit 3 N/A - - Reserved Bit 4 N/A - - Reserved Bit 5 N/A - - Reserved Bit 6 OTF A/B 1 Junction overtemperature is detected, TJ > 150 °C (typ.). See also THERM bit setting in Table 9. 0 Junction overtemperature not detected, TJ <135 °C (typ.). TJ is below thermal protection threshold. Bit 7 (MSb) PNG A/B 1 Input voltage (VCC pin) lower than LPD minimum thresholds. Refer to Table 12. 0 Input voltage (VCC pin) higher than LPD thresholds. Refer to Table 12. Table 11. STATUS 2 (read register. Register address = 0X1) Bit Name CH Value Description Bit 0 (LSb) N/A - - Reserved Bit 1 N/A - - Reserved Bit 2 N/A - - Reserved Bit 3 N/A - - Reserved Bit 4 N/A - - Reserved Bit 5 N/A - - Reserved Bit 6 N/A - - Reserved Bit 7 (MSb) N/A - - Reserved |