データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564L54x データシート(PDF) 50 Page - STMicroelectronics

部品番号 SPC564L54x
部品情報  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54x データシート(HTML) 50 Page - STMicroelectronics

Back Button SPC564L54x Datasheet HTML 46Page - STMicroelectronics SPC564L54x Datasheet HTML 47Page - STMicroelectronics SPC564L54x Datasheet HTML 48Page - STMicroelectronics SPC564L54x Datasheet HTML 49Page - STMicroelectronics SPC564L54x Datasheet HTML 50Page - STMicroelectronics SPC564L54x Datasheet HTML 51Page - STMicroelectronics SPC564L54x Datasheet HTML 52Page - STMicroelectronics SPC564L54x Datasheet HTML 53Page - STMicroelectronics SPC564L54x Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 165 page
background image
Package pinouts and signal descriptions
SPC56ELx, SPC564Lx
50/165
DocID15457 Rev 12
81
G[8]
SIUL
GPIO[104]
GPIO[104]
FlexRay
DBG0
—
DSPI_0
CS1
—
FlexPWM_0
—
FAULT[0]
SIUL
—
EIRQ[21]
82
C[12]
SIUL
GPIO[44]
GPIO[44]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
83
G[7]
SIUL
GPIO[103]
GPIO[103]
FlexPWM_0
B[3]
B[3]
84
A[2]
SIUL
GPIO[2]
GPIO[2]
eTimer_0
ETC[2]
ETC[2]
FlexPWM_0
A[3]
A[3]
DSPI_2
—
SIN
MC_RGM
—
ABS[0]
SIUL
—
EIRQ[2]
85
G[5]
SIUL
GPIO[101]
GPIO[101]
FlexPWM_0
X[3]
X[3]
DSPI_2
CS3
—
86
B[5]
SIUL
GPIO[21]
GPIO[21]
JTAGC
—
TDI
87
TMS
—
88
TCK
—
89
B[4]
SIUL
GPIO[20]
GPIO[20]
JTAGC
TDO
—
90
VSS_HV_IO
—
91
VDD_HV_IO
—
92
A[3]
SIUL
GPIO[3]
GPIO[3]
eTimer_0
ETC[3]
ETC[3]
DSPI_2
CS0
CS0
FlexPWM_0
B[3]
B[3]
MC_RGM
—
ABS[2]
SIUL
—
EIRQ[3]
93
VDD_LV_COR
—
94
VSS_LV_COR
—
Table 4. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More