データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC560B50x データシート(PDF) 96 Page - STMicroelectronics

部品番号 SPC560B50x
部品情報  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x データシート(HTML) 96 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 92Page - STMicroelectronics SPC560B50x Datasheet HTML 93Page - STMicroelectronics SPC560B50x Datasheet HTML 94Page - STMicroelectronics SPC560B50x Datasheet HTML 95Page - STMicroelectronics SPC560B50x Datasheet HTML 96Page - STMicroelectronics SPC560B50x Datasheet HTML 97Page - STMicroelectronics SPC560B50x Datasheet HTML 98Page - STMicroelectronics SPC560B50x Datasheet HTML 99Page - STMicroelectronics SPC560B50x Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
96/116
DocID14619 Rev 13
Figure 30. DSPI modified transfer format timing – slave, CPHA = 1
Figure 31. DSPI PCS strobe (PCSS) timing
3.27.3
Nexus characteristics
5
6
9
12
11
10
Last Data
Last Data
SIN
SOUT
SS
First Data
First Data
Data
Data
SCK Input
SCK Input
(CPOL = 0)
(CPOL = 1)
Note: Numbers shown reference Table 47.
PCSx
7
8
PCSS
Note: Numbers shown reference Table 47.
Table 48. Nexus characteristics
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tTCYC
CC
D TCK cycle time
64
—
—
ns
2tMCYC
CC
D MCKO cycle time
32
—
—
ns
3tMDOV
CC
D MCKO low to MDO data valid
—
—
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More