| データシートサーチシステム |
|
LQFP144 データシート(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP144 データシート(HTML) 95 Page - STMicroelectronics |
|
95 / 112 page ![]() SPC560P44Lx, SPC560P50Lx Electrical characteristics Doc ID 14723 Rev 9 95/112 Figure 28. External interrupt timing 3.17.5 DSPI timing IRQ 2 3 1 Table 42. DSPI timing(1) No. Symbol C Parameter Conditions Value Unit Min Max 1tSCK CC D DSPI cycle time Master (MTFE = 0) 60 — ns Slave (MTFE = 0) 60 — 2tCSC CC D CS to SCK delay — 16 — ns 3tASC CC D After SCK delay — 26 — ns 4tSDC CC D SCK duty cycle — 0.4 * tSCK 0.6 * tSCK ns 5tA CC D Slave access time SS active to SOUT valid — 30 ns 6tDIS CC D Slave SOUT disable time SS inactive to SOUT high impedance or invalid —16 ns 7tPCSC CC D PCSx to PCSS time — 13 — ns 8tPASC CC D PCSS to PCSx time — 13 — ns 9tSUI CC D Data setup time for inputs Master (MTFE = 0) 35 — ns Slave 4 — Master (MTFE = 1, CPHA = 0) 35 — Master (MTFE = 1, CPHA = 1) 35 — 10 tHI CC D Data hold time for inputs Master (MTFE = 0) –5 — ns Slave 4 — Master (MTFE = 1, CPHA = 0) 11 — Master (MTFE = 1, CPHA = 1) –5 — |