| データシートサーチシステム |
|
SPC563M64L7 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L7 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 48 page ![]() SPC563Mxx Device overview Doc ID 13850 Rev 6 9/48 Windowing software watchdog Yes Yes Yes Packages LQFP144 LQFP176 LQFP100 LQFP144 LQFP176 LQFP100 LQFP144 1. Calibration package only. 2. The 176-pin and 208-pin packages have 34 input channels; 144-pin package has 32; 100-pin package has 23. 3. One FlexCAN module has 64 message buffers; the other has 32 message buffers. 4. 165 interrupt channels are reserved for compatibility with future devices. This device has 191 peripheral interrupt sources plus 8 software interrupts available to the user. Table 2. SPC563Mxx family device summary (continued) Feature SPC563M64 SPC563M60P SPC563M54P |