データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC564A74B4 データシート(PDF) 39 Page - STMicroelectronics

部品番号 SPC564A74B4
部品情報  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A74B4 データシート(HTML) 39 Page - STMicroelectronics

Back Button SPC564A74B4 Datasheet HTML 35Page - STMicroelectronics SPC564A74B4 Datasheet HTML 36Page - STMicroelectronics SPC564A74B4 Datasheet HTML 37Page - STMicroelectronics SPC564A74B4 Datasheet HTML 38Page - STMicroelectronics SPC564A74B4 Datasheet HTML 39Page - STMicroelectronics SPC564A74B4 Datasheet HTML 40Page - STMicroelectronics SPC564A74B4 Datasheet HTML 41Page - STMicroelectronics SPC564A74B4 Datasheet HTML 42Page - STMicroelectronics SPC564A74B4 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
Figure 6.
324-pin PBGA package ballmap (northeast, viewed from above)
12
13
14
15
16
17
18
19
20
21
22
AN27
AN28
AN35
VSSA1
AN12_
SDS
MDO11_
ETPUA29_O
MDO10_
ETPUA27_O
MDO8_
ETPUA21_O
VDD
VRC33
VSS
A
AN26
AN31
AN32
VSSA1
AN13_
SDO
MDO9_
ETPUA25_O
MDO7_
ETPUA19_O
MDO4_
ETPUA2_O
MDO0
VSS
NIC(1),(2)
B
AN25
AN30
AN33
VDDA1
AN14_
SDI
MDO5_
ETPUA4_O
MDO2
MDO1
VSS
NIC(1),(2)
VDD
C
AN24
AN29
AN34
VDDEH7
AN15_
FCK
MDO6_
ETPUA13_O
MDO3
VSS
NIC(1),(2)
TCK
TDI
D
NIC(1),(2)
TMS
TDO
NIC(1)
E
NIC(1),(2)
JCOMP
EVTI
EVTO
F
RDY
MCKO
MSEO0
MSEO1
G
VDDEH6AB
GPIO203
GPIO204
DSPI_B_
SIN
H
VSS
VSS
NIC(1),(2)
DSPI_B_
SOUT
DSPI_B_
PCS3
DSPI_B_
PCS0
DSPI_B_
PCS1
J
VSS
VSS
VSS
GPIO99
DSPI_B_
PCS4
DSPI_B_
SCK
DSPI_B_
PCS2
K
VSS
VSS
VSS
DSPI_B_
PCS5
DSPI_A_
SOUT
DSPI_A_
SIN
DSPI_A_
SCK
L
1.
Pins marked “NIC” have no internal connection.
2.
Balls B22, C21, D20, E19, F19 and J14 are shorted together inside the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More