| データシートサーチシステム |
|
SPC564A80B4 データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80B4 データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 157 page ![]() CAL_ADDR[28] CAL_DATA[28] Calibration address bus Calibration data bus P A 01 10 345 I/O I/O VDDE12 Fast —/ — — — — CAL_ADDR[29] CAL_DATA[29] Calibration address bus Calibration data bus P A 01 10 345 I/O I/O VDDE12 Fast —/ — — — — CAL_ADDR[30] CAL_DATA[30] Calibration address bus Calibration data bus P A 01 10 345 I/O I/O VDDE12 Fast —/ — — — — CAL_DATA[0] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[1] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[2] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[3] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[4] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[5] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[6] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[7] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[8] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[9] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — CAL_DATA[10] Calibration data bus P 01 341 I/O VDDE12 Fast — / Up — / Up — — — Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |