データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRK2001ATR データシート(PDF) 18 Page - STMicroelectronics

部品番号 SRK2001ATR
部品情報  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001ATR データシート(HTML) 18 Page - STMicroelectronics

Back Button SRK2001ATR Datasheet HTML 12Page - STMicroelectronics SRK2001ATR Datasheet HTML 13Page - STMicroelectronics SRK2001ATR Datasheet HTML 14Page - STMicroelectronics SRK2001ATR Datasheet HTML 15Page - STMicroelectronics SRK2001ATR Datasheet HTML 16Page - STMicroelectronics SRK2001ATR Datasheet HTML 17Page - STMicroelectronics SRK2001ATR Datasheet HTML 18Page - STMicroelectronics SRK2001ATR Datasheet HTML 19Page - STMicroelectronics SRK2001ATR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
SRK2001A
18/20
DocID029495 Rev 1
Table 7. SSOP10 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
4.80
4.90
5
E
5.80
6
6.20
E1
3.80
3.90
4
e
1
h
0.25
0.50
L
0.40
0.90
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20