| データシートサーチシステム |
|
ST7FOXU0 データシート(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXU0 データシート(HTML) 114 Page - STMicroelectronics |
|
114 / 123 page ![]() Device configuration and ordering information ST7FOXU0 114/123 13.4 ST7 application notes Table 63. ST7 application notes Identification Description Application examples AN1658 Serial numbering implementation AN1720 managing the Read-Out Protection in Flash microcontrollers AN1755 A high resolution/precision thermometer using ST7 and NE555 AN1756 Choosing a DALI implementation strategy with ST7DALI AN1812 A high precision, low cost, single supply ADC for positive and negative input voltages Example drivers AN 969 SCI communication between ST7 and PC AN 970 SPI communication between ST7 and EEPROM AN 971 I²C communication between ST7 and M24Cxx EEPROM AN 972 ST7 software SPI master communication AN 973 SCI software communication with a PC using ST72251 16-bit timer AN 974 Real time clock with ST7 timer Output Compare AN 976 Driving a buzzer through ST7 timer PWM function AN 979 Driving an analog keyboard with the ST7 ADC AN 980 ST7 keypad decoding techniques, implementing wake-up on keystroke AN1017 Using the ST7 Universal Serial Bus microcontroller AN1041 Using ST7 PWM signal to generate analog output (sinusoïd) AN1042 ST7 routine for I²C Slave mode Management AN1044 Multiple interrupt sources management for ST7 MCUs AN1045 ST7 S/W implementation of I²C bus master AN1046 UART emulation software AN1047 Managing reception errors with the ST7 SCI peripherals AN1048 ST7 software LCD Driver AN1078 PWM duty cycle switch implementing true 0% & 100% duty cycle AN1082 Description of the ST72141 motor control peripherals registers AN1083 ST72141 BLDC motor control software and flowchart example AN1105 ST7 pCAN peripheral driver AN1129 PWM management for BLDC motor drives using the ST72141 AN1130 An introduction to sensorless brushless DC motor drive applications with the ST72141 AN1148 Using the ST7263 for designing a USB mouse AN1149 Handling Suspend mode on a USB mouse AN1180 Using the ST7263 kit to implement a USB game pad |