| データシートサーチシステム |
|
ST7LITEUS2 データシート(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEUS2 データシート(HTML) 118 Page - STMicroelectronics |
|
118 / 136 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) Package characteristics ST7LITEUS2, ST7LITEUS5 118/136 13 Package characteristics In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 13.1 Package mechanical data Figure 65. 8-lead very thin fine pitch dual flat no-lead package outline Table 70. 8-lead very thin fine pitch dual flat no-lead package mechanical data Dim. mm inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.80 0.90 1.00 0.0310 0.0350 0.0390 A1 0.00 0.02 0.05 0.0000 0.0010 0.0020 A3 0.20 0.0080 b 0.25 0.30 0.35 0.0100 0.0120 0.0140 D4.50 0.1770 D2 3.50 3.65 3.75 0.1380 0.1440 0.1480 E3.50 0.1380 E2 1.96 2.11 2.21 0.0770 0.0830 0.0870 e0.80 0.0310 L 0.30 0.40 0.50 0.0120 0.0160 0.0200 Number of pins N8 (D/2 x E/2) D E A b e (D/2 x E/2) L E2 TOP VIEW SIDE VIEW BOTTOM VIEW D2 INDEX AREA INDEX AREA Obsolete Product(s) - Obsolete Product(s) |