| データシートサーチシステム |
|
ST7LITEUS2 データシート(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEUS2 データシート(HTML) 129 Page - STMicroelectronics |
|
129 / 136 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) ST7LITEUS2, ST7LITEUS5 Device configuration and ordering information 129/136 14.4 ST7 application notes Table 80. Development tool order codes for the ST7LITEUSx family Supported products In-circuit Debugger, RLink series(1) Emulator Programming tool Starter kit without demo board Starter kit with Demo Board DVP series EMU series In-circuit programmer ST socket boards and EPBs ST7FLITEUS2 ST7FLITEUS5 STX-RLINK(2) STFLITE- SK/RAIS(2) ST7MDT10- DVP3(3) ST7MDT10- EMU3 STX-RLINK ST7- STICK(5)(4) ST7SB10- SU0(5) 1. Available from ST or from Raisonance, www.raisonance.com. 2. USB connection to PC. 3. Includes connection kit for Plastic DIP16/SO16 only. See “How to order an EMU or DVP” in ST product and tool selection guide for connection kit ordering information. 4. Parallel port connection to PC. 5. Add suffix /EU, /UK or /US for the power supply for your region. Table 81. ST7 application notes Identification Description Application examples AN1658 Serial numbering implementation AN1720 Managing the readout protection in flash microcontrollers AN1755 A high resolution/precision thermometer using ST7 and NE555 AN1756 Choosing a DALI Implementation strategy with ST7DALI AN1812 A high precision, low cost, single supply ADC for positive and negative input voltages Example drivers AN 969 SCI communication between ST7 and PC AN 970 SPI communication between ST7 and EEPROM AN 971 I²C communication between ST7 and M24Cxx EEPROM AN 972 ST7 software SPI master communication AN 973 SCI software communication with a PC using ST72251 16-bit timer AN 974 Real time clock with ST7 Timer Output Compare AN 976 Driving a buzzer through ST7 timer PWM function AN 979 Driving an analog keyboard with the ST7 ADC AN 980 ST7 keypad decoding techniques, implementing wakeup on keystroke AN1017 Using the ST7 universal serial bus microcontroller AN1041 Using ST7 PWM signal to generate analog output (sinusoïd) AN1042 ST7 routine for I²C slave mode management Obsolete Product(s) - Obsolete Product(s) |