| データシートサーチシステム |
|
ST7LITEUS5 データシート(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEUS5 データシート(HTML) 90 Page - STMicroelectronics |
|
90 / 136 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) Instruction set ST7LITEUS2, ST7LITEUS5 90/136 BRES Bit Reset bres Byte, #3 M - - - - - - BSET Bit Set bset Byte, #3 M - - - - - - BTJF Jump if bit is false (0) btjf Byte, #3, Jmp1 M - - - - - C BTJT Jump if bit is true (1) btjt Byte, #3, Jmp1 M - - - - - C CALL Call subroutine - - - - - - - CALLR Call subroutine relative - - - - - - - CLR Clear reg, M - - - 0 1 - CP Arithmetic compare tst(Reg - M) reg M - - N Z C CPL One Complement A = FFH-A reg, M - - - N Z 1 DEC Decrement dec Y reg, M - - - N Z - HALT Halt - - - 0 - - - IRET Interrupt routine return Pop CC, A, X, PC - - H I N Z C INC Increment inc X reg, M - - - N Z - JP Absolute jump jp [TBL.w] - - - - - - - JRA Jump relative always - - - - - - - JRT Jump relative - - - - - - - JRF Never jump jrf * - - - - - - - JRIH Jump if ext. interrupt = 1 - - - - - - - JRIL Jump if ext. interrupt = 0 - - - - - - - JRH Jump if H = 1 H = 1 ? - - - - - - - JRNH Jump if H = 0 H = 0 ? - - - - - - - JRM Jump if I = 1 I = 1 ? - - - - - - - JRNM Jump if I = 0 I = 0 ? - - - - - - - JRMI Jump if N = 1 (minus) N = 1 ? - - - - - - - JRPL Jump if N = 0 (plus) N = 0 ? - - - - - - - JREQ Jump if Z = 1 (equal) Z = 1 ? - - - - - - - JRNE Jump if Z = 0 (not equal) Z = 0 ? - - - - - - - JRC Jump if C = 1 C = 1 ? - - - - - - - JRNC Jump if C = 0 C = 0 ? - - - - - - - JRULT Jump if C = 1 Unsigned < - - - - - - - JRUGE Jump if C = 0 Jmp if unsigned ≥ - - --- - - JRUGT Jump if (C + Z = 0) Unsigned > - - - - - - - JRULE Jump if (C + Z = 1) Unsigned ≤ - - --- - - LD Load dst ≤ src reg, M M, reg - - N Z - MUL Multiply X,A = X * A A, X, Y X, Y, A 0 - - - 0 Table 42. Illegal opcode detection (continued) Mnemo Description Function/example Dst Src H I N Z C Obsolete Product(s) - Obsolete Product(s) |