データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC1K2 データシート(PDF) 75 Page - STMicroelectronics

部品番号 ST7MC1K2
部品情報  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 データシート(HTML) 75 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 71Page - STMicroelectronics ST7MC1K2 Datasheet HTML 72Page - STMicroelectronics ST7MC1K2 Datasheet HTML 73Page - STMicroelectronics ST7MC1K2 Datasheet HTML 74Page - STMicroelectronics ST7MC1K2 Datasheet HTML 75Page - STMicroelectronics ST7MC1K2 Datasheet HTML 76Page - STMicroelectronics ST7MC1K2 Datasheet HTML 77Page - STMicroelectronics ST7MC1K2 Datasheet HTML 78Page - STMicroelectronics ST7MC1K2 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Power saving modes
75/371
Figure 25.
TActive HALT mode flow-chart
1.
Peripherals clocked with an external clock source can still be active.
2.
Only the MCC/RTC interrupt and some specific interrupts can exit the MCU from Active Halt mode (such as
external interrupt). Refer to Table 22: Interrupt mapping on page 70 for more details.
3.
Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are
set to the current software priority level of the interrupt routine and restored when the CC register is
popped.
HALT instruction
Reset
Interrupt(2)
Y
N
N
Y
Fetch reset vector or
service interrupt
256 or 4096 CPU clock
cycle delay
(MCCSR.OIE = 1
CPU
Oscillator
Peripherals(1)
I[1:0] bits
On
Off
10
Off
CPU
Oscillator
Peripherals
I[1:0] bits
On
Off
XX(3)
On
CPU
Oscillator
Peripherals
I[1:0] bits
On
On
XX(3)
On
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More