| データシートサーチシステム |
|
ST7MC1K2 データシート(PDF) 190 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2 データシート(HTML) 190 Page - STMicroelectronics |
|
190 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 190/371 Figure 78. Simplified MTC block diagram MCIA MCIB MCIC BEMF = 0 MCO5 MCO4 MCO3 MCO2 MCO1 MCO0 timer Delay = weight x Zn MCCFI0 MCCREF NMCES Delay =? Capture Zn Commute [C] Measurement generator Mode Int/ext weight (I) (V) (V) voltage (I) current R1 C (I) BEMF zero-crossing detector PWM manager [Z] (V) MTIM R2 VDD 12-bit counter Phase U Phase W U, V, W phases Phase U 1 Phase V generator Input detection 12-bit three-phase PWM MCVREF OAP OAN MCPWMU MCPWMV MCPWMW (V) R3 PCN bit OAZ(MCCFI1) OAON bit + - CFAV bit ADC TACHO Delay manager or speed measure unit (not represented) Encoder unit window Channel manager [Z]: Back EMF Zero-crossing event Zn: Time elapsed between two consecutive Z events [C]: Commutation event Cn: Time delayed after Z event to generate C event (I): Current mode (V): Voltage mode Obsolete Product(s) - Obsolete Product(s) |