データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC1K2 データシート(PDF) 211 Page - STMicroelectronics

部品番号 ST7MC1K2
部品情報  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 データシート(HTML) 211 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 207Page - STMicroelectronics ST7MC1K2 Datasheet HTML 208Page - STMicroelectronics ST7MC1K2 Datasheet HTML 209Page - STMicroelectronics ST7MC1K2 Datasheet HTML 210Page - STMicroelectronics ST7MC1K2 Datasheet HTML 211Page - STMicroelectronics ST7MC1K2 Datasheet HTML 212Page - STMicroelectronics ST7MC1K2 Datasheet HTML 213Page - STMicroelectronics ST7MC1K2 Datasheet HTML 214Page - STMicroelectronics ST7MC1K2 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
211/371
Summary
The input detection block set-up for the different available modes is summarized in Table 93.
Table 93.
Input detection block set-up
Input detection
block mode
Sensor type
Edge sensitivity
SR
bit
TES[1:0] bits
(tacho edge
selection)
IS[1:0] bits
(input selection)
Position sensor
Hall, optical, ...
Both rising and
falling edges
100
00
01
10
Sensorless
-
-
0
00
00
01
10
Speed sensor
Incremental
encoder
Both rising and
falling edges
(imposed)
x
Any configuration
different from 00:
01 10 11
11
Tachogenerator,
hall, optical...
Rising edge
01
00
01
10
Falling edge
10
00
01
10
Both rising and
falling edges
11
00
01
10
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More