| データシートサーチシステム |
|
ST7MC1K2 データシート(PDF) 220 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2 データシート(HTML) 220 Page - STMicroelectronics |
|
220 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 220/371 Figure 95. Output on pins MCDEM and MCZEM with debug option (DG bit = 1) Note: Using the auto-updated MTIM timer: The auto-updated MTIM timer works accurately within its operating range but some care has to be taken when processing timer-dependent data such as the step duration for regulation or demagnetization. For example if an overflow occurs when calculating a simulated end of demagnetization (MCOMP + demagnetization_time > FFh), the value that is stored in MDREG is: 80h + (MCOMP + demagnetization_time-FFh)/2. CCC C D Z DZ DZ MCDEM MCZEM U events MCDEM MCZEM C C CC CC C C C C Debug outputs in sensorless mode CCC C ZZ Z MCDEM MCZEM Debug outputs in sensor mode C Z Z Debug outputs in speed measurement mode (TES[1:0] bits equal to 01, 10 or 11) Obsolete Product(s) - Obsolete Product(s) |