| データシートサーチシステム |
|
ST7MC1K2-Auto データシート(PDF) 307 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto データシート(HTML) 307 Page - STMicroelectronics |
|
307 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Instruction set 307/371 11.1.7 Relative mode (direct, indirect) This addressing mode is used to modify the PC register value, by adding an 8-bit signed offset to it. The relative addressing mode consists of two sub-modes: ● Relative (direct) The offset is following the opcode. ● Relative (indirect) The offset is defined in memory, the address of which follows the opcode. Table 182. Short instructions and functions Short instructions only Function CLR Clear INC, DEC Increment/decrement TNZ Test negative or zero CPL, NEG 1 or 2 complement BSET, BRES Bit operations BTJT, BTJF Bit test and jump operations SLL, SRL, SRA, RLC, RRC Shift and rotate operations SWAP Swap nibbles CALL, JP Call or jump subroutine Table 183. Relative direct and indirect instructions Available relative direct/indirect instructions Function JRxx Conditional jump CALLR Call relative Obsolete Product(s) - Obsolete Product(s) |