| データシートサーチシステム |
|
ST7MC1K2-Auto データシート(PDF) 308 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto データシート(HTML) 308 Page - STMicroelectronics |
|
308 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Instruction set ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 308/371 11.2 Instruction groups 11.2.1 Introduction The ST7 family devices use an instruction set consisting of 63 instructions. The instructions may be subdivided into 13 main groups as illustrated in the following table: Using a prebyte The instructions are described with one to four opcodes. In order to extend the number of available opcodes for an 8-bit CPU (256 opcodes), three different prebyte opcodes are defined. These prebytes modify the meaning of the instruction they precede. The whole instruction becomes: Table 184. Instruction groups Group Instructions Load and transfer LD CLR Stack operation Push Pop RSP Increment/decrement INC DEC Compare and tests CP TNZ BCP Logical operations AND OR XOR CPL NEG Bit operation BSET BRES Conditional bit test and branch BTJT BTJF Arithmetic operations ADC ADD SUB SBC MUL Shift and rotates SLL SRL SRA RLC RRC SWAP SLA Unconditional jump or call JRA JRT JRF JP CALL CALLR NOP RET Conditional branch JRxx Interruption management TRAP WFI HALT IRET Condition code flag modification SIM RIM SCF RCF PC-2 End of previous instruction PC-1 Prebyte PC opcode PC+1 Additional word (0 to 2) according to the number of bytes required to compute the effective address Obsolete Product(s) - Obsolete Product(s) |