データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC1K6-Auto データシート(PDF) 77 Page - STMicroelectronics

部品番号 ST7MC1K6-Auto
部品情報  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto データシート(HTML) 77 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 73Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 74Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 75Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 76Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 77Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 78Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 79Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 80Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Power saving modes
77/371
Figure 27.
Halt mode flowchart
1.
WDGHALT is an option bit. See option byte section for more details.
2.
Peripherals clocked with an external clock source can still be active.
3.
Only some specific interrupts can exit the MCU from Halt mode (such as external interrupt). Refer to
Table 22: Interrupt mapping on page 70 for more details.
4.
Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are
set to the current software priority level of the interrupt routine and recovered when the CC register is
popped.
HALT instruction
Reset
Interrupt(3)
Y
N
N
Y
Fetch reset vector or
service interrupt
256 or 4096 CPU clock
Watchdog
Enable
Disable
WDGHALT(1)
0
Watchdog
reset
1
(MCCSR.OIE = 0)
cycle delay
CPU
Oscillator
Peripherals(2)
I[1:0] bits
Off
Off
10
Off
CPU
Oscillator
Peripherals
I[1:0] bits
On
Off
XX(4)
On
CPU
Oscillator
Peripherals
I[1:0] bits
On
On
XX(4)
On
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More